Part Number Hot Search : 
AP01N60H SCPAR2F 473ML LN473YPH A25TB60 2SD2536 TLP862 MPX53GP
Product Description
Full Text Search
 

To Download HFCT-5208M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 x 9 fiber optic transceivers for 622 mb/s atm/sonet/sdh applications technical data hfbr-5208m family, 1300 nm led HFCT-5208M family, 1300 nm fp laser features ? performance hfbr-5208m: links of 500 m with 62.5/ 125 m multimode fiber (mmf) from 155-622 mb/s HFCT-5208M: links of 15 km with 9 /125 m single-mode fiber (smf)  compliant with atm forum 622.08 mb/s physical layer specification (af-phy-0046.000)  compliant with ansi broadband isdn - physical layer specification t1.646-1995 and t1.646a-1997  hfbr-5208m is compliant with ansi network to customer installation interfaces - synchronous optical network (sonet) physical media dependent specification: multimode fiber t1.416.01-1998  HFCT-5208M is compliant to the intermediate sonet oc12/sdh stm(i4.1) specifications  industry-standard multi- sourced 1 x 9 mezzanine package style  single +5 v power supply operation and pecl logic interfaces  wave solder and aqueous wash process compatible  unconditionally eye safe laser iec 825/cdrh class 1 compliant applications hfbr-5208m:  general purpose low-cost mmf links at 155 to 650 mb/s  atm 622 mb/s mmf links from switch-to-switch or switch-to-server in the end- user premise  private mmf inter- connections at 622 mb/s sonet sts-12/sdh stm-4 rate HFCT-5208M:  atm 622 mb/s smf links from switch-to-switch or switch-to-server in the end- user premise  private smf inter- connections at 622 mb/s sonet sts-12/sdh stm-4 rate 622 mb/s product family hfct-5218m:  1300 nm laser-based transceiver in 1 x 9 package for links of 40 km with single-mode fiber cables description general the hfbr-5208m (multimode transceiver) and HFCT-5208M (single-mode transceiver) from agilent allow the system designer to implement a range of solutions for atm/sonet sts-12/sdh stm-4 applications. the overall agilent transceiver consists of three sections: the transmitter and receiver optical subassemblies, an electrical subassembly and the mezzanine package housing which incorporates a duplex sc connector receptacle. transmitter section the transmitter section of the hfbr-5208m consists of a 1300 nm led in an optical subassembly (osa) which mates to the multi- mode fiber cable. the HFCT-5208M incorporates a 1300 nm fabry perot (fp) laser in the optical subassembly. in addition, this package has been designed to be compliant with iec 825 eye-safety requirements under any single fault condition. the osa?s are driven by a custom, silicon bipolar ic which converts differential pecl logic signals (ecl referenced to a +5 v supply) into an analog led/laser drive current.
2 receiver section the receiver contains an ingaas pin photodiode mounted together with a custom, silicon bipolar transimpedance preamplifier ic in an osa. this osa is mated to a custom, silicon bipolar circuit providing post amplification and quantization and optical signal detection. the custom, silicon bipolar circuit includes a signal detect circuit which provides a pecl logic high state output upon detection of a usable input optical signal level. this single-ended pecl output is designed to drive a standard pecl input through normal 50  pecl load. applications information typical ber performance of hfbr-5208m receiver versus input optical power level the hfbr/HFCT-5208M transceiver can be operated at bit-error-ratio conditions other than the required ber = 1 x 10 -10 of the 622 mbd atm forum 622.08 mb/s physical layer standard and the ansi t1.646a. the typical trade-off of ber versus relative input optical power is shown in figure 1. the relative input optical power in db is referenced to the input optical power parameter value in the receiver optical characteristics table. for better ber condition than 1 x 10 -10 , more input signal is needed (+db). for example, to operate the hfbr-5208m at a ber of 1 x 10 -12 , the receiver will require an input signal approximately 0.6 db higher than the -26 dbm level required for 1 x 10 -10 operation, i.e. -25.4 dbm. an informative graph of a typical, short fiber transceiver link per- formance can be seen in figure 2. this figure is useful for designing short reach links with time-based jitter requirements. this figure indicates relative input optical power versus sampling time position within the receiver output data eye-opening. the given curves are at a constant bit- error-ratio (ber) of 10 -10 for four different signaling rates, 155 mbd, 311 mbd, 622 mbd and 650 mbd. these curves, called ?tub? diagrams for their shape, show the amount of data eye-opening time-width for various receiver input optical power levels. a wider data eye-opening provides more time for the clock recovery circuit to operate within without creating errors. the deeper the tub is indicates less input optical power is needed to operate the receiver at the same ber condition. generally, the wider and deeper the tub is the better. the relative input optical power amount (db) is referenced to the absolute level (dbm avg.) given in the receiver optical characteristics table. the 0 ns sampling time position for this figure 2 refers to the center of the baud interval for the particular signaling rate. the baud interval is the reciprocal of the signaling rate in mbd. for example, at 622 mbd the baud interval is 1.61 ns, at 155 mbd the baud interval is 6.45 ns. test conditions for this tub diagram are listed in figure 2. the hfbr/HFCT-5208M receiver input optical power requirements vary slightly over the signaling rate range of 20 mbd to 700 mbd for a constant bit-error-ratio (ber) of 10 -10 condition. figure 3 illustrates the typical receiver relative input optical power varies by <0.7 db over this full range. this small sensitivity variation allows the optical budget to remain nearly constant for designs that make use of the broad signaling rate range of the hfbr/HFCT-5208M. the curve has been normalized to the input optical power level (dbm avg.) of the receiver for 622 mbd at center of the baud interval with a ber of 10 -10 . the data patterns that can be used at these signaling rates should be, on average, balanced duty factor of 50%. momentary excursions of less or more data duty factor than 50% can occur, but the overall data pattern must remain balanced. unbalanced data duty factor will cause excessive pulse-width distortion, or worse, bit errors. the test conditions are listed in figure 3. recommended circuit schematic when designing the hfbr/hfct- 5208m circuit interface, there are a few fundamental guidelines to follow. for example, in the recommended circuit schematic, figure 4, the differential data lines should be treated as 50 ohm microstrip or stripline transmission lines. this will help to minimize the parasitic inductance and capacitance effects. proper termination of the differential data signal will prevent reflections and ringing which would compromise the signal fidelity and generate unwanted electrical noise. locate termination at the received signal end of the transmission line. the figure 1. relative input optical power - dbm average. 10 -2 10 -3 10 -4 10 -5 10 -6 10 -7 10 -8 10 -9 10 -10 10 -11 10 -12 10 -13 10 -14 10 -15 -5 linear extrapolation of 10 -4 through 10 -7 data actual data bit error ratio -4 -3 -2 -1 0 12 3
3 figure 2. hfbr-5208m relative input optical power as a function of sampling time position. normalized to center of baud interval at 622 mbd. test conditions +25c, 5.25 v, prbs 2 23 -1, optical  r /  f = 0.9 ns with 3 m of 62.5 m mmf. figure 3. relative input optical power as a function of data rate normalized to center of baud interval at 622 mbd. test conditions +25c, 5.25 v, prbs 2 23 -1, optical  r /  f = 0.9 ns with 3 m of mmf or smf. -1.5 -1 -0.5 0 0.5 1 1.5 2 2.5 20 105 190 275 360 445 530 615 700 module data stream serial data rate in mbd relative sensitivity in db for extrapolated ber = le -10 hfbr-5208m HFCT-5208M -1 -0.5 0 0.5 1 1.5 2 2.5 3 -3.5 -2.5 -1.5 -0.5 0.5 1.5 2.5 3.5 clock to data offset delay in nsec (0 = data eye center) equivalent average optical input power in dbm for extrapolated ber =le -10 155.52 mbd 311.04 mbd 622.08 mbd 650.00 mbd
4 length of these lines should be kept short and of equal length to prevent pulse-width distortion from occurring. for the high-speed signal lines, differential signals should be used, not single-ended signals. these differential signals need to be loaded symmetrically to prevent unbalanced currents from flowing which will cause distortion in the signal. maintain a solid, low inductance ground plane for returning signal currents to the power supply. multilayer plane printed circuit board is best for distribution of v cc , returning ground currents, forming transmission lines and shielding. also, it is important to suppress noise from influencing the fiber-optic transceiver per- formance, especially the receiver circuit. proper power supply filtering of v cc for this transceiver is accomplished by using the recommended separate filter circuits shown in figure 4. these filter circuits suppress v cc noise of 100 mv peak-to-peak or less over a broad frequency range. this prevents receiver sensitivity degradation . it is recommended that surface-mount components be used. use tantalum capacitors for the 10 f capacitors and monolithic, ceramic bypass capacitors for the 0.1 f capacitors. also, it is recommended that a surface- mount coil inductor of 1 h be used. ferrite beads can be used to replace the coil inductors when using quieter v cc supplies, but a coil inductor is recom- mended over a ferrite bead to provide low-frequency noise filtering as well. coils with a low, series dc resistance (<0.7 ohms) and high, self-resonating frequency are recommended. all power supply components need to be placed physically next to the figure 4. recommended circuit schematic for dc coupling (at +5 v) between optical transceiver and physical layer ic v cc pins of the receiver and transmitter. use a good, uniform ground plane with a minimum number of holes to provide a low- inductance ground current return path for the signal and power supply currents. although the front mounting posts make contact with the metallized housing, these posts should not be relied upon to provide adequate electrical connection to the plated housing. it is recommended to either connect these front posts to chassis ground or allow them to remain unconnected. these front posts should not be connected to signal ground. figure 5 shows the recommended board layout pattern. mounting post no internal connection hfbr/HFCT-5208M top view v ee rd rd sd v cc v cc td td v ee 123456789 c2 l1 l2 r2 r3 r1 r4 c5 c3 c4 r9 r10 v cc filter at v cc pins transceiver r5 r7 r6 r8 c 6 rd rd sd v cc td td termination at phy device inputs notes: the split-load terminations for pecl signals need to be located at the input of devices receiving those pecl signals. recommend multi-layer printed circuit board with 50 ohm microstrip or stripline signal paths be used. r1 = r4 = r6 = r8 = r10 = 130 ohms. r2 = r3 = r5 = r7 = r9 = 82 ohms. c1 = c2 = c3 = c5 = c6 = 0.1 f. c4 = c7 = 10 f. l1 = l2 = 1 h coil or ferrite inductor (see text comments). termination at transceiver inputs rx rx tx tx v cc v cc c1 c7 mounting post no internal connection
5 in addition to these recommenda- tions, agilent?s application engineering staff is available for consulting on best layout practices with various vendors? serializer/ deserializer, clock recovery/ generation integrated circuits. reference design agilent has developed a reference design for multimode and single- mode oc-12 atm-sonet/sdh applications shown in figure 6. this reference design uses a vitesse semiconductor inc.?s vsc8117 clock recovery/clock generation/serializer/deserializer integrated circuit and a pmc- sierra inc. pm5355 framer ic. application note 1178 documents the design, layout, testing and performance of this reference design. gerber files, schematic and application note are available from the agilent fiber-optics components? web site at the url of http://www.semiconductor. agilent.com. operation in -5.2 v designs for applications that require -5.2 v dc power supply level for true ecl logic circuits, the hfbr/HFCT-5208M transceiver can be operated with a v cc = 0 v dc and a v ee = -5.2 v dc. this transceiver is not specified with an operating, negative power supply voltage. the potential compromises that can occur with use of -5.2 v dc power are that the absolute voltage states for v oh and v ol will be changed slightly due to the 0.2 v difference in supply levels. also, noise immunity may be compromised for the hfbr/HFCT-5208M trans- ceiver because the ground plane is now the v cc supply point. the suggested power supply filter circuit shown in the recommended circuit schematic figure should be located in the v ee paths at the transceiver supply pins. direct figure 5. recommended board layout pattern figure 6. 622.08 mb/s oc-12 atm-sonet/sdh reference design board coupling of the differential data signal can be done between the hfbr-5208m transceiver and the standard ecl circuits. for guaranteed -5.2 v dc operation, contact your local agilent component field sales engineer for assistance. electromagnetic interference (emi) one of a circuit board designer?s foremost concerns is the control of electromagnetic emissions from electronic equipment. success in controlling generated electromagnetic interference (emi) enables the designer to pass a governmental agency?s emi regulatory standard; and more importantly, it reduces the possibility of interference to neighboring equipment. there are three options available for the hfbr/HFCT-5208M with regard to emi shielding for providing the designer with a means to achieve good emi performance. the emi 20.32 (0.800) top view 2 x ? 1.9 0.1 (0.075 0.004) 20.32 (0.800) 2.54 (0.100) 9 x ? 0.8 0.1 (0.032 0.004) d i m e n s i o n s a r e i n m i l l i m e t e r s ( i n c h e s )
6 figure 7. package outline drawing for hfbr/HFCT-5208M ) 39.6 (1.56) max. max. slot depth xxxx-xxxx zzzzz laser prod 21cfr(j) class 1 country of origin yyww tx rx slot width key: yyww = date code xxxx-xxxx = hfbr-5208m or HFCT-5208M zzzz = 1300 nm 12.7 (0.50) 25.4 (1.00) 2.5 (0.10) 4.7 (0.185) 2.0 0.1 (0.079 0.004) 12.7 (0.50) area reserved for process plug n.b. for shielded module the label is mounted on the end as shown. agilent 8x ) 9x ? 2x ? ) 2x ? +0.25 -0.05 +0.010 -0.002 0.46 ( 0.018 23.8 (0.937) 20.32 (0.800) 2.54 (0.100) 1.3 (0.051) 20.32 (0.800) 20.32 (0.800) 15.8 0.15 (0.622 0.006) +0.25 -0.05 +0.010 -0.002 1.27 ( 0.050 14.5 (0.57) masked insulator material (no metalization) dimensions are in millimeters (inches). tolerances: x.xx 0.025 mm x.x 0.05 mm unless otherwise specified. max. +0.1 -0.05 +0.004 -0.002 0.25 ( 0.010 3.3 0.38 (0.130 0.015) 9.8 (0.386) 0.51 (0.020) performance of an enclosure using these transceivers is dependent on the chassis design. agilent encourages using standard rf s uppression practices and avoiding poorly emi-sealed enclosures. in addition, agilent advises that for the best emi performance, the metalized case must be connected to chassis ground using one of the shield options. an un-shielded option, shown in figure 7 is available for the hfbr/HFCT-5208M fiber optic transceiver. this unit is intended for applications where emi is either not an issue for the designer, or the unit resides in a highly-shielded enclosure. the first shielded option, option em, is for applications where the position of the transceiver module will extend outside the equipment enclosure. the metallized plastic package and integral external metal shield of the transceiver helps locally to terminate em fields to the chassis to prevent their emissions outside the enclosure. this metal shield contacts the panel or enclosure
7 on the inside of the aperture on all but the bottom side of the shield and provides a good rf connection to the panel. this option can accommodate various panel or enclosure thicknesses, i.e. 1.02 mm (.04 in) min to 2.54 mm (0.1 in) max. the reference plane for this panel thickness variation is from the front surface of the panel or enclosure. the recommended length for protruding the hfbr/hfct-5208em transceiver beyond the front surface of the panel or enclosure is 6.35 mm (0.25 in) . with this option, there is flexibility of positioning the module to fit the specific need of the enclosure design. (see figure 8 for the mechanical drawing dimensions of this shield.) the second shielded option, option fm, is for applications that are designed to have a flush mounting of the module with respect to the front of the panel or enclosure. the flush-mount design accommodates a large variety of panel thickness, i.e. 1.02 mm (.04 in) min to 2.54 mm (0.1 in) max. note the reference plane for the flush-mount design is the interior side of the panel or enclosure. the recommended distance from the centerline of the transceiver front solder posts to the inside wall of the panel is 13.82 mm (0.544 in) . this option contacts the inside panel or enclosure wall on all four sides of this metal shield. (see figure 10 for the mechanical drawing dimensions of this shield.) both shielded design options connect only to the equipment chassis and not to the signal or logic ground of the circuit board within the equipment closure. the front panel aperture dimensions are recommended in figures 9 and 11. when layout of the printed circuit board is done to incorporate these metal-shielded transceivers, keep the area on the printed circuit board directly under the external metal shield free of any components and circuit board traces. for additional emi performance advantage, use duplex sc fiber-optic connectors that have low metal content inside the connector. this lowers the ability of the metal fiber-optic connectors to couple emi out through the aperture of the panel or enclosure. recommended solder and wash process the hfbr/HFCT-5208M is compatible with industry-standard wave or hand solder processes. hfbr-5000 process plug the hfbr/HFCT-5208M transceiver is supplied with a process plug, the hfbr-5000, for protection of the optical ports with the duplex sc connector receptacle. this process plug prevents contamination during wave solder and aqueous rinse as well as during handling, shipping or storage. it is made of high- temperature, molded, sealing material that will withstand +80c and a rinse pressure of 110 lb/in 2 . recommended solder fluxes and cleaning/degreasing chemicals solder fluxes used with the hfbr/HFCT-5208M fiber-optic transceiver should be water- soluble, organic solder fluxes. some recommended solder fluxes are lonco 3355-11 from london chemical west, inc. of burbank, ca, and 100 flux from alpha- metals of jersey city, nj or equivalent fluxes from other companies. recommended cleaning and degreasing chemicals for the hfbr/HFCT-5208M are alcohols (methyl, isopropyl, isobutyl), aliphatics (hexane, heptane) and other chemicals, such as soap solution or naphtha. do not use partially halogenated hydrocarbons for cleaning/ degreasing. examples of chemicals to avoid are 1,1.1 trichloroethane, ketones (such as mek), acetone, chloroform, ethyl acetate, methylene dichloride, phenol, methylene chloride or n methylpyrolldone. regulatory compliance these transceiver products are intended to enable commercial system designers to develop equipment that complies with the various regulations governing certification of information technology equipment. see the regulatory compliance table for details. additional information is available from your agilent sales representative. electrostatic discharge (esd) there are two design cases in which immunity to esd damage is important. the first case is during handling of the transceiver prior to mounting it on the circuit board. it is important to use normal esd handling precautions for esd sensitive devices. these precautions include using grounded wrist straps, work benches, and floor mats in esd controlled areas, etc. the second case to consider is static discharges to the exterior of the equipment chassis containing the transceiver parts. to the extent that the duplex sc connector receptacle is exposed to the outside of the equipment chassis, it may be subject to whatever esd system level test criteria that the equipment is intended to meet.
8 regulatory compliance - targeted specifications the hfbr-5208m led and the HFCT-5208M laser transmitters are classified as iec 825-1 accessible emission limit (ael) class 1. ael class 1 led/laser devices are considered eye safe. electromagnetic interference (emi) most equipment designs utilizing these high-speed transceivers from agilent will be required to meet the requirements of fcc in the united states, cenelec en55022 (cispr 22) in europe and vcci in japan. the hfbr/HFCT-5208M emi has been characterized with a chassis enclosure to demonstrate the robustness of the parts. performance of a system containing these transceivers will vary depending on the individual chassis design. immunity equipment utilizing these hfbr/HFCT-5208M transceivers will be subject to radio-frequency electromagnetic fields in some environments. these transceivers, with their integral shields, have been characterized without the benefit of a normal equipment chassis enclosure and the results are reported below. performance of a system containing these transceivers within a well- designed chassis is expected to be better than the results of these tests without a chassis enclosure. eye safety the HFCT-5208M transceiver is classified as ael class i (u.s. 21 cfr(j) and ael class 1 per en 60825-1 (+a11). it is eye safe when used within the data sheet limits per cdrh. it is also eye safe under normal operating conditions and under all reasonably foreseeable single fault conditions per en60825-1. agilent has tested the transceiver design for compliance with the requirements listed below under normal operating conditions and under single fault conditions where applicable. tuv rheinland has granted certification to this transceiver for laser eye safety and use in en 60950 and en 60825-2 applications. feature test method performance electrostatic discharge (esd) mil-std-883c method 3015.4 min 2000 v machine model jedec jesd22-a115-a min 100 v rad iec-61000-4-2 products of this design typically withstand 25 kv without damage. electromagnetic interference (emi) fcc class b cenelec en55022 class b (cispr 22b) vcci class 2 margins are dependant on customer board and chassis design. it is recommended that the flush mount shield design (hfbr/hfct-5208fm) be used for best emi margin against fcc class b. immunity variation of iec 801-3 typically show no measurable effect from a 10 v/m field swept from 26 to 1000 mhz applied to the transceiver when mounted to a circuit card without a chassis enclosure. eye safety iec 825/cdrh class 1 cdrh accession numbers: hfct-5208xx t 9521220 - 22 tuv bauart license: hfct-5208xx t 933/510906/01
9 table 1. pinout table 1 = v eer 2 = rd 3 = rd 4 = sd 5 = v ccr 6 = v cct 7 = td 8 = td 9 = v eet n/c n/c n/c = no internal connection (mounting posts) - connect to chassis ground or leave floating, do not connect to signal ground. top view pin symbol functional description mounting studs the mounting studs are provided for transceiver mechanical attachment to the circuit boards, they are embedded in the metalized plastic housing and are not connected to the transceiver internal circuit. they should be soldered into plated-through holes on the printed circuit board and not connected to signal ground. 1v eer receiver signal ground directly connect this pin to receiver signal ground plane. receiver v eer and transmitter v eet can connect to a common circuit board ground plane. 2 rd+ receiver data out terminate this high-speed, differential, pecl output with standard pecl techniques at the follow-on device input pin. 3 rd- receiver data out bar terminate this high-speed, differential, pecl output with standard pecl techniques at the follow-on device input pin. 4 sd signal detect normal input optical signal levels to the receiver result in a logic "1" output (v oh ). low input optical signal levels to the receiver result in a fault condition indication shown by a logic "0" output (v ol ). if signal detect output is not used, leave it open-circuited. this signal detect output can be used to drive a pecl input on an upstream circuit, such as, signal detect input or loss of signal-bar. 5v ccr receiver power supply provide +5 v dc via the recommended receiver v ccr power supply filter circuit. locate the power supply filter circuit as close as possible to the v ccr pin. 6v cct transmitter power supply provide +5 v dc via the recommended transmitter v cct power supply filter circuit. locate the power supply filter circuit as close as possible to the v cct pin. 7 td- transmitter data in bar terminate this high-speed, differential, transmitter data input with standard pecl techniques at the transmitter input pin. 8 td+ transmitter data in terminate this high-speed, differential, transmitter data input with standard pecl techniques at the transmitter input pin. 9v eet transmitter signal ground directly connect this pin to the transmitter signal ground plane. transmitter v eet and receiver v eer can connect to a common circuit board ground plane.
10 absolute maximum ratings stresses in excess of the absolute maximum ratings can cause catastrophic damage to the device. limits apply to each parameter in isolation, all other parameters having values within the recommended operating conditions. it should not be assumed that limiting values of mo re than one parameter can be applied to the product at the same time. exposure to the absolute maximum ratings for extended periods can adv ersely affect device reliability. recommended operating conditions notes: 1. this is the maximum voltage that can be applied across the differential transmitter data inputs without damaging the esd protection circuit. 2. 2 ms -1 air flow required (for hfct-5208xm only). 3. tested with a 100 mv p-p sinusoidal signal in the frequency range from 500 hz to 1 mhz imposed on the v cc supply with the recommended power supply filter in place, see figure 4. typically less than a 0.5 db change in sensitivity is experienced. 4. compatible with 10k, 10kh and 100k ecl and pecl output signals. 5. the outputs are terminated to v cc - 2 v. parameter symbol minimum typical maximum unit notes ambient operating temperature hfbr-5208xm, hfct-5208xm t a 0+70 c2 ambient operating temperature hfct-5208axm t a -40 +85 c supply voltage v cc 4.75 5.25 v power supply rejection psr 100 mv p-p 3 transmitter data input voltage - low v il -v cc -1.810 -1.475 v 4 transmitter data input voltage - high v ih -v cc -1.165 -0.880 v 4 transmitter differential input voltage v d 0.3 1.6 v data output load r dl 50 w 5 signal detect output load r sdl 50 w 5 parameter symbol minimum typical maximum unit notes storage temperature t s -40 +85 c lead soldering temperature - hfbr-5208m t sold +260 c lead soldering temperature - HFCT-5208M t sold +240 c lead soldering time t sold 10 sec. supply voltage v cc -0.5 6.0 v data input voltage v i -0.5 v cc v transmitter differential input voltage v d 1.6 v 1 output current i d 50 ma relative humidity rh 0 95 %
11 hfbr-5208m family, 1300 nm led transmitter electrical characteristics (t a = 0 c to +70 c, v cc = 4.75 to 5.25 v. typical @+25 c, 5 v) receiver electrical characteristics (t a = 0 c to +70 c, v cc = 4.75 to 5.25 v. typical @+25 c, 5 v) notes: 1. the i cc value is held nearly constant to minimize unwanted electrical noise from being generated and conducted or emitted to neighboring circuitry. 2. power dissipation value is the power dissipated in the receiver itself. it is calculated as the sum of the products of v cc and i cc minus the sum of the products of the output voltages and load currents. 3. these outputs are compatible with 10k, 10kh and 100k ecl and pecl inputs. 4. these are 20% - 80% values. 5. the signal detect output will change from logic ? v ol ? to ? v oh ? within 100 s of a step transition in input optical power from no light to -26 dbm. 6. the signal detect output will change from logic ? v oh ? to ? v ol ? within 350 s of a step transition in input optical power from -26 dbm to no light. parameter symbol minimum typical maximum unit notes supply current i cct 155 200 ma 1 power dissipation p dist 0.75 1.05 w data input current - low i il -350 a data input current -high i ih 350 a parameter symbol minimum typical maximum unit notes supply current i ccr 112 177 ma power dissipation p disr 0.37 0.77 w 2 data output voltage - low v ol - v cc -1.950 -1.82 -1.620 v 3 data output voltage - high v oh - v cc -1.045 -0.94 -0.740 v 3 data output rise time t r 0.2 0.3 0.51 ns 4 data output fall time t f 0.2 0.3 0.51 ns 4 signal detect output voltage - low v ol - v cc -1.950 -1.82 -1.620 v 3 signal detect output voltage - high v oh - v cc -1.045 -0.94 -0.740 v 3 signal detect assert reaction time (off to on) t sda 35 100 s 5 signal detect deassert reaction time (on to off) t sdd 60 350 s 6
12 hfbr-5208m family, 1300 nm led transmitter optical characteristics (t a = 0 c to +70 c, v cc = 4.75 to 5.25 v. typical @+25 c, 5 v) notes: 7. the output optical power is measured with the following conditions:  1 meter of fiber with cladding modes removed.  the input electrical signal is a 12.5 mhz square wave.  the beginning of life (bol) to end of life (eol) degradation is less than 0.5 db. 8. the relationship between fwhm and rms values for spectral width can be derived from the assumption of a gaussian-shaped spectrum which results in rms = fwhm/2.35. 9. these are 10-90% values. parameter symbol minimum typical maximum unit notes output optical power 62.5/125 m. na = 0.275 fiber p o (bol) p o (eol) -19.5 -20 -17 -14 -14 dbm avg. output optical power 50/125 m. na = 0.20 fiber p o (bol) p o (eol) -21.5 -22 -14 -14 dbm avg. 7 output optical power at logic "0" state p o ("0") -60 dbm avg. optical extinction ratio er 10 46 db center wavelength l c 1270 1330 1380 nm spectral width - fwhm s 136 200 nm 8 optical rise time t r 0.7 1.25 ns 9 optical fall time t f 0.9 1.25 ns 9 overshoot 0 25 % systematic jitter contributed by the transmitter sj 0.04 0.23 ns p-p random jitter contributed by the transmitter rj 0.0 0.10 ns p-p
13 hfbr-5208m family, 1300 nm led receiver optical characteristics (t a = 0 c to +70 c, v cc = 4.75 to 5.25 v. typical @+25 c, 5 v) notes: 10. this specification is intended to indicate the performance of the receiver section of the transceiver when the input power r anges from the minimum level (with a window time-width) to the maximum level. over this range the receiver is guaranteed to provide output data with a bit error ratio (ber) better than or equal to 1 x 10 -10  at the beginning of life (bol)  over the specified operating temperature and voltage ranges  input is at 622.08 mbd, 2 23 -1 prbs data pattern with 72 ? 1 ? s and 72 ? 0 ? s inserted per the ccitt (now itu-t) recommendation g.958 appendix 1.  receiver worst-case output data eye-opening (window time-width) is measured by applying worst-case input systematic (sj) and random jitter (rj). the worst-case maximum input sj = 0.5 ns peak-to-peak and the rj = 0.15 ns peak-to-peak per ansi t1.646a standard. since the input (transmitter) random jitter contribution is very small and difficult to produce exactly, only the max imum systematic jitter is produced and used for testing the receiver. the corresponding receiver test window time-width must meet th e requirement of 0.31 ns or larger. this worst-case test window time-width results from the following jitter equation: minimum test window time-width = baud interval - tx sj max. - rx sj max. - rx rj max. respectively, minimum test window time-width = 1.608 ns - 0.50 ns - 0.30 ns - 0.48 ns = 0.328 ns. this is a test method that is within practical test error of the worst-case 0.31 ns limit.  input optical rise and fall times (10% - 90%) are 0.7 ns and 0.9 ns respectively.  transmitter operating with a 622.08 mbd, 311.04 mhz square wave input signal to simulate any cross talk present between the transmitter and receiver sections of the transceiver. parameter symbol minimum typical maximum unit notes minimum input optical power at window edge p in min (w) -29.0 -26 dbm avg. 10 fig 2 minimum input optical power at eye center p in min (c) -30.5 dbm avg. 10 fig 2,3 input optical power maximum p in max -14 -11 dbm avg. 10 input operating wavelength l 1270 1380 nm systematic jitter contributed by the receiver sj 0.1 0.30 ns p-p random jitter contributed by the receiver rj 0.25 0.48 ns p-p signal detect - asserted p a p d +1.0 db -30.5 -28 dbm avg. signal detect - deasserted p d -45 -33.7 dbm avg. signal detect - hysteresis p a - p d 1.0 3.2 5 db
14 HFCT-5208M family, 1300 nm fp laser transmitter electrical characteristics (t a = 0 c to +70 c, v cc = 4.75 to 5.25 v. typical @+25 c, 5 v) (t a = -40 c to +85 c, v cc = 4.75 to 5.25 v. typical @+25 c, 5 v for a specification part) receiver electrical characteristics (t a = 0 c to +70 c, v cc = 4.75 to 5.25 v. typical @+25 c, 5 v) (t a = -40 c to +85 c, v cc = 4.75 to 5.25 v. typical @+25 c, 5 v for a specification part) notes: 1. the power supply current varies with temperature. maximum current is specified at v cc = maximum @ maximum temperature (not including termination currents) and end of life. 2. the current excludes the output load current. 3. these outputs are compatible with 10k, 10kh and 100k ecl and pecl inputs. 4. these are 20% - 80% values. 5. the signal detect output will change from logic ? v ol ? to ? v oh ? within 100 s of a step transition in input optical power from no light to -28 dbm. 6. the signal detect output will change from logic ? v oh ? to ? v ol ? within 100 s of a step transition in input optical power from -28 dbm to no light. parameter symbol minimum ty p i c a l maximum unit notes supply current i cct 47 140 ma 1 power dissipation p dist 0.235 0.75 w data input current - low i il -350 a data input current -high i ih 350 a parameter symbol minimum ty p i c a l maximum unit notes supply current i ccr 130 150 ma 1, 2 power dissipation p disr 0.65 0.787 w data output voltage - low v ol - v cc -1.950 -1.620 v 3 data output voltage - high v oh - v cc -1.045 -0.740 v 3 data output rise time t r 0.5 ns 4 data output fall time t f 0.5 ns 4 signal detect output voltage - low v ol - v cc -1.950 -1.620 v 3 signal detect output voltage - high v oh - v cc -1.045 -0.740 v 3 signal detect assert reaction time (off to on) t sda 25 100 s 5 signal detect deassert reaction time (on to off) t sdd 80 100 s 6
15 HFCT-5208M family, 1300 nm fp laser transmitter optical characteristics (t a = 0 c to +70 c, v cc = 4.75 to 5.25 v. typical @+25 c, 5 v) (t a = -40 c to +85 c, v cc = 4.75 to 5.25 v. typical @+25 c, 5 v for a specification part) receiver optical characteristics (t a = 0 c to +70 c, v cc = 4.75 to 5.25 v. typical @+25 c, 5 v) (t a = -40 c to +85 c, v cc = 4.75 to 5.25 v. typical @+25 c, 5 v for a specification part) notes: 7. the output power is coupled into a 1 m single-mode fiber. minimum output optical level is at end of life. 8. minimum sensitivity and saturation levels for 2 23 -1 prbs with 72 ones and 72 zeros inserted. (itu-t recommendation g.958). sensitivity is measured for a ber of 10 -10 at center of baud interval with the transmitter powered up to test for crosstalk between the transmitter and receiver sections of the transceiver. 9. the bit error rate (ber) measurements are not performed but a high to low transition in sd typically occurs at a receiver ber of 10 -6 or worse. parameter symbol minimum typical maximum unit notes minimum input optical power p in min -32 -28 dbm 8 maximum input optical power p in max -7 dbm 8 signal detect - asserted p a -42 -39 -31 dbm signal detect - hysteresis p a - p d 0.5 1.2 4.0 db 9 parameter symbol minimum typical maximum unit notes output optical power p o -15 -11 -8 dbm avg. 7 optical extinction ratio er 8.2 13.8 db center wavelength l c 1274 1313 1356 nm spectral width - (rms) s 1.1 2.5 nm output optical eye opening compliant with bellcore tr-nwt-000253 and itu-t recommendation g.957.
16 figure 8. package outline for hfbr/hfct-5208em ) max. uncompressed +0.1 -0.05 +0.004 -0.002 0.25 ( 0.010 3.3 0.38 (0.130 0.015) 10.2 (0.40) 2.09 (0.08) 1.3 (0.05) 9.8 (0.386) max. 5.9 (0.23) dimensions are in millimeters (inches). tolerances: x.xx 0.025 mm x.x 0.05 mm ) 9x ? 2x ? ) 2x ? 8x +0.25 -0.05 +0.010 -0.002 0.46 ( 0.018 23.8 (0.937) 20.32 (0.800) 20.32 (0.800) 20.32 (0.800) 2.54 (0.100) 1.3 (0.051) 15.8 0.15 (0.622 0.006) +0.25 -0.05 +0.010 -0.002 1.27 ( 0.050 14.5 (0.57) masked insulator material (no metalization) 13.6 (0.54) unless otherwise specified. max. 25.4 (1.00) max. uncompressed xxxx-xxxx zzzzz laser prod 21cfr(j) class 1 country of origin yyww tx rx key: yyww = date code for multimode modules: xxxx-xxxx = hfbr-5208 zzzz = 1300 nm for singlemode modules: xxxx-xxxx = hfct-5208 zzzz = 1300 nm 39.6 (1.56) 12.7 (0.50) 29.6 (1.16) 4.7 (0.185) 12.7 (0.50) area reserved for process plug agilent slot width 2.0 0.1 (0.079 0.004) 18.1 (0.711) 20.5 (0.805) 3.3 (0.13)
17 figure 9. suggested module positioning and panel cut-out for hfbr/hfct-5208em pcb bottom view module protrusion 2x +0.5 -0.25 +0.02 -0.01 10.9 0.43 ) 2x 0.8 (0.032) 0.8 (0.032) 27.4 0.50 (1.08 0.02) ) 9.4 (0.37) 6.35 (0.25) 3.5 (0.14) dimensions are in millimeters (inches). tolerances: x.xx 0.025 mm x.x 0.05 mm unless otherwise specified.
18 figure 10. package outline for hfbr/hfct-5208fm +0.1 -0.05 +0.004 -0.002 0.25 ( 0.010 3.3 0.38 (0.130 0.015) ) 9.8 (0.386) max. max. 10.2 (0.40) 22.0 (0.87) 14.4 (0.57) ) 9x ? 2x ? 8x +0.25 -0.05 +0.010 -0.002 0.46 ( 0.018 23.8 (0.937) 20.32 (0.800) 2.54 (0.100) 1.3 (0.051) 2x ? 20.32 (0.800) 15.8 0.15 (0.622 0.006) +0.25 -0.05 +0.010 -0.002 1.27 ( 0.050 20.32 (0.800) area reserved for process plug 14.5 (0.57) ) masked insulator material (no metalization) dimensions are in millimeters (inches). tolerances: x.xx 0.025 mm x.x 0.05 mm unless otherwise specified. slot depth max. xxxx-xxxx zzzzz laser prod 21cfr(j) class 1 country of origin yyww tx rx key: yyww = date code for multimode modules: xxxx-xxxx = hfbr-5208 zzzz = 1300 nm for singlemode modules: xxxx-xxxx = hfct-5208 zzzz = 1300 nm max. 39.6 (1.56) 12.7 (0.50) 1.01 (0.04) 25.4 (1.00) max. 25.8 (1.02) 2.2 (0.09) 29.7 (1.17) slot width 4.7 (0.185) 12.7 (0.50) 2.0 0.1 (0.079 0.004) area reserved for process plug agilent
19 figure 11. suggested module positioning and panel cut-out for hfbr/hfct-5208fm 1.98 (0.078) keep out zone bottom side of pcb dimension shown for mounting module flush to panel. thicker panel will recess module. thinner panel will protrude module. septum 1.27 (0.05) 0.36 (0.014) 13.82 (0.544) 1.82 (0.072) 30.2 (1.19) 26.4 (1.04) 10.82 (0.426) 14.73 (0.58) 12.0 (0.47) dimensions are in millimeters (inches). tolerances: x.xx 0.025 mm x.x 0.05 mm unless otherwise specified.
ordering information 1300 nm led hfbr-5208m no shield, metallized housing. hfbr-5208em extended/protuding shield, metallized housing. hfbr-5208fm flush shield, metallized housing. 1300 nm fp laser (temperature range 0 c to +70 c) HFCT-5208M no shield, metallized housing. hfct-5208em extended/protuding shield, metallized housing. hfct-5208fm flush shield, metallized housing. 1300 nm fp laser (temperature range -40 c to +85 c) hfct-5208am no shield, metallized housing. hfct-5208aem extended/protuding shield, metallized housing. hfct-5208afm flush shield, metallized housing. supporting documentation hfbr-5208m/HFCT-5208M application note hfbr-5208xx/hfct-5208xx characterization report HFCT-5208M/hfct-5218m interim qualification report hfbr-5208m qualification report hfbr-5208m/HFCT-5208M/hfct-5218m reference design application note 1178 www.semiconductor.agilent.com data subject to change. copyright ? 2000 agilent technologies inc. 5968-9381e (01/00)


▲Up To Search▲   

 
Price & Availability of HFCT-5208M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X